Part Number Hot Search : 
ER107 72454 4ALVCH16 NE3510M HAT2099H 1SS15407 2001723 MAX9235
Product Description
Full Text Search
 

To Download BAV99W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Dual Series Switching Diode
0.016 (0.40) (C) R 0.05 (0.002)
0.087 (2.20)
0.071 (1.80)
.051(1.30)
Features
Small surface mounting type High reliability High speed ( trr < 1.5 ns )
MIN
(B) (A)
0.055 (1.40) 0.047 (1.20) 0.089 (2.30) 0.079 (2.00)
0.017 (0.43) MIN
0.012 (0.30) 0.0010 (0.25) 0.0004 (0.10)
Silicon epitaxial planar type
0.043 (1.10)
Mechanical data
Case : SOT-323 Terminals : Solder plated, solderable per MIL-STD-750, Method 2026 Mounting P osition : Any
0.031 (0.80)
Dimensions in inches and (millimeters)
SINGLE(Alt)
COMMON ANODE COMMON CATHODE
0.026 (0.70) MIN.
BAL99W BAW56W BAV70W BAV99W
Formosa MS
SOT-323
SERIES
BAL99W
BAW56W
BAV70W
BAV99W
MAXIMUM RATINGS (AT T A =25 o C unless otherwise noted)
PARAMETER Repetitive peak reverse voltage Reverse voltage Peak forward surge current Repetitive peak forward current Forward current Average forward current Power dissipation Junction temperature Storage temperature VR = 0 t p = 1 us CONDITIONS Symbol V RRM VR I FSM I FRM IF I FAV PD Tj T STG -55 MIN. TYP. MAX. 70 70 2.0 450 215 715 225 175 +150 UNIT V V A mA mA mA mW
o o
C C
ELECTRICAL CHARACTERISTICS (AT T A=25 C unless otherwise noted)
PARAMETER Forward voltage I F = 10mA I F = 150mA V R = 70V Reverse current V R = 20V , T j = 150 V R = 70V , T j = 150 Breakdown current Diode capacitance Reverse recovery time
o o
o
CONDITIONS
Symbol VF VF IR
MIN.
TYP.
MAX. 0.855 1.250 2.5 30 50
UNIT V V uA uA uA V
C C
IR IR V (BR) CD t rr 70
I R = 100uA , T P /T = 0.01 T P = 0.3ms V R = 0 , f = 1MHz , V HF = 50mV I F =10mA, V R = 10mA, I RR = 0.1 X I R , R L =100 OHM
1.5 6
pF ns
RATING AND CHARACTERISTIC CURVES for each diode (BAL99W BAW56W BAV70W BAV99W)
FIG.1-TYPICAL FORWARD 100 CHARACTERISTICS 10 TA=150oC
REVERSE LEAKAGE CURRENT, (uA) FORWARD CURRENT,(mA)
FIG.2 - Leakage Current CHARACTERISTICS
10 TA=85oC TA=25oC TA=-40oC 0.1 0.2
1.0
TA=125oC
0.1
TA=85oC
1.0
TA=55oC 0.01 TA=25oC
0.4
0.6
0.8
1.0
1.2
0.001
FORWARD VOLT AGE,(V)
0
10
20
30
40
50
REVERSE VOLTAGE, (V)
FIG.3-TYPICAL JUNCTION CAPACITANCE 0.68
JUNCTION CAPACITANCE,(pF)
0.64
0.60
0.56
0.52
0
2
4
REVERSE VOLTAGE,(V)
6
8
820 OHM +10V 2K 100uH 0.1 uF
IF
tr
tp 10%
t tr t
0.1 uF
50 OHM OUTPUT PULSE GENERATOR
DUT
50 OHM INPUT SAMPLING OSCILLOSCOPE
90% IR(REC)=1 mA VR
OUTPUT PULSE (IF=IR=10mA;measured at iR(REC)=1mA)
Notes : 1. A2.0 Kohm variable resistor adjusted for a forward Current (IF) of 10mA. Notes: Notes:
2. Input pulse is adjusted so IR(peak) is equal to 10 mA. 3. tp >> trr.
t
Recovery Time Equivalent Test Circuit


▲Up To Search▲   

 
Price & Availability of BAV99W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X